Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 84 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 80Page - STMicroelectronics VV6410 Datasheet HTML 81Page - STMicroelectronics VV6410 Datasheet HTML 82Page - STMicroelectronics VV6410 Datasheet HTML 83Page - STMicroelectronics VV6410 Datasheet HTML 84Page - STMicroelectronics VV6410 Datasheet HTML 85Page - STMicroelectronics VV6410 Datasheet HTML 86Page - STMicroelectronics VV6410 Datasheet HTML 87Page - STMicroelectronics VV6410 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
84/105
9.6.6
Multiple location write
If the automatic increment bit is set (msb of the index byte), then it is possible to write data bytes to consecutive adjacent internal
registers, (i.e. 23,24,25,26 etc), without having to send explicit indexes prior to sending each data byte. An auto-increment write to
the exposure registers with their default values is shown in the following example, where we write 1710 to the pin_mapping
register[21] and 19310 to the data format register[22].
.
9.6.7
Multiple location read
In the same manner, multiple locations can be read with a single read message. In this example the index is written first, to
ensure the exposure related registers are addressed and then all six are read.
Note: a stop condition is not required after the final negative acknowledge from the master, the sensor will terminate the
communication upon receipt of the negative acknowledge from the master.
SA
010
A
A
A
3210
3310
3210
010
A
0
Sr
A
A
A
A
3310
010
110
110
110
A
0
Sr
Write
fineL with zero
Address the status0 register
A
110
010 A
Read continuously...
...until flag reset
P
Figure 42 : Same location multiple data read.
SA
1710
A
AA
3210
2110
19310
1
Incremental write
P
Figure 43 : Multiple location write.
Incremental read
SA
A
3210
3210
1
Sr
3310
AA
3210
1
fineH
A
AP
fineL
coarseH
coarseL
gain
clk_div
A
A
A
A
No data write
Incremental read
Figure 44 : Multiple location read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com