Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 93 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 89Page - STMicroelectronics VV6410 Datasheet HTML 90Page - STMicroelectronics VV6410 Datasheet HTML 91Page - STMicroelectronics VV6410 Datasheet HTML 92Page - STMicroelectronics VV6410 Datasheet HTML 93Page - STMicroelectronics VV6410 Datasheet HTML 94Page - STMicroelectronics VV6410 Datasheet HTML 95Page - STMicroelectronics VV6410 Datasheet HTML 96Page - STMicroelectronics VV6410 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
93/105
cd5410-6410f-3-0.fm
12.2.1 Noise Parameters and Dark Current
Various noise parameters are measured on the 410 device as follows:
•
Fixed Pattern Noise (FPN)
•
Vertical Fixed Pattern Noise (VFPN)
•
Random Noise
•
Fine Shading
•
Gross Shading
The parameters will be described in more detail below along with the data produced by the characterisation programme.
12.2.2 Blooming
Blooming is a phenomenon that does not affect CMOS sensors in the same way as CCD imagers are afflicted. With a CCD
blooming can cause an entire column/columns to flood and saturate.
CMOS imagers are however affected by a different type of saturation. If an intense light source, (e.g. Maglite torch), is shone at
very close proximity to the image sensor the pixel sampling mechanism will break down and rather than displaying a saturated
white light a black image will occur.
The 410 pixel architecture uses Correlated Double Sampling (CDS) to help reduce noise in the system. The pixel is read normally
first, yielding the true integrated signal information, then the pixel is reset and very quickly read for a second time. This normally
yields black information - as the pixel has had no exposure time - that can be subtracted from the signal from the first read. This
subtraction will remove much of the noise from the pixel leaving only the useful signal information.
In an example where a pixel has saturated in both the first and the second reads due to an intense light source. When the noise
cancellation subtraction operation is then performed the result is close to zero signal from the pixel therefore resulting in the
displayed black image.
We do not perform any test measurements for this phenomenon.
12.2.3 Dark Current
This is defined as the rate at which the average pixel voltage increases over time with the device not illuminated. The dark current
will be measured at a gain setting of 4 and a clock divisor of 16 at a fixed temperature and will be expressed in mV.
12.2.4 Fixed Pattern Noise
The FPN of an image sensor is the average pixel non-temporal noise divided by the average pixel voltage. The illumination
source will be white light that has been IR filtered, producing a diffuse uniform illumination at the surface of the sensor package.
The FPN will be calculated at coarse exposure settings of 0,10,150,250 and 302 with gain set to 1. 10 frames are grabbed and
averaged to produce a temporally independent frame before each calculation. FPN will be expressed in mV.
12.2.5 Vertical Fixed Pattern Noise
VFPN describes the spatial noise in an image sensor related to patterns with a vertical orientation. The VFPN is defined as the
standard deviation over all columns of the average pixel voltage for each column determined at zero exposure and zero
illumination. VFPN will be expressed in mV.
12.2.6 Random Noise
Random noise is the temporal noise component within the image. Random noise will be expressed in mV.
12.2.7 Shading
This describes how average pixel values per “block” change across the image sensor array. For fine shading calculations the
image sensor array is split into 30 pixel by 30 pixel blocks. An average value is then calculated for each block and the averages
are then compared across the whole device. The blocks are increased in size to 60 pixels by 60 pixels for the gross shading
calculation. Shading will be expressed in mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com