Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 87 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 83Page - STMicroelectronics VV6410 Datasheet HTML 84Page - STMicroelectronics VV6410 Datasheet HTML 85Page - STMicroelectronics VV6410 Datasheet HTML 86Page - STMicroelectronics VV6410 Datasheet HTML 87Page - STMicroelectronics VV6410 Datasheet HTML 88Page - STMicroelectronics VV6410 Datasheet HTML 89Page - STMicroelectronics VV6410 Datasheet HTML 90Page - STMicroelectronics VV6410 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
87/105
cd5410-6410f-3-0.fm
11. Other Features
11.1 Audio Amplifier
VV5410/VV6410 contains an on-chip audio amplifier which can be configured via the serial interface. The amplifier may also be
powered down via the serial interface.
The following document outlines the implementation of audio circuitry on the VV5410/VV6410 sensor.
11.1.1 Audio Amplifier Configuration
The audio circuit is controlled through a single eight bit register on the VV5410/VV6410. This includes bits for power down, output
select, first and second stage gains and current boosting. Table 59 describes the functionality of the control register bits.
The first stage provides a gain of 0dB or 30dB using a low noise amplifier design.
The reference is provided from the on-chip bandgap voltage. This is buffered by a cut down version of the low-noise amplifier
used in the first gain stage.
The output of the first gain stage is fed to two output amplifiers. These can be configured with a 1mA or 2mA output drive current.
The inverting gain stage provides an additional gain between 0dB and 18dB.
The output of the inverting gain stage may be routed through the other output buffer to provide two single ended outputs.
Otherwise, the inverted and non-inverted outputs provide a fully differential output signal.
Some more circuit specifications may be found in Table 60.
Bit
Function
Default
Comments
0
First stage gain
1
0 - 0dB
1 - 30dB
1
Second stage gain[1]
0
gain[1] gain[0] - gain(dB)
0 0 - 0dB
0 1 - 6dB
1 0 - 12dB
1 1 - 18dB
2
Second stage gain[0]
0
3
Power Down
0
0 - Powered up
1 - Power down
4
Output Select
0
0 - Single ended
1 - Differential
5
Current Boost
0
0 - 1mA output drive in output buffers
1 - 2mA output drive in output buffers
7:6
Unused
Table 59 : Control register summary for VV5410/VV6410 audio circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com