Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78P324LP Datasheet HTML 1Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 2Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 3Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 4Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 5Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 6Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 7Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 8Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
µPD78P324, 78P324(A)
MOS INTEGRATED CIRCUIT
The information in this document is subject to change without notice.
16-/8-Bit Single-Chip Microcomputers
©
1991, 1995
DATA SHEET
The
µPD78P324 is a product in which the µPD78324’s internal mask ROM is replaced by a one-time PROM
or EPROM. The one-time PROM product, which enables writing only once, is effective for multiple-device
small production of sets or early start of mass-production. The EPROM product, which enables program
writing, deletion, and rewriting, is the most suitable for system evaluation.
The
µPD78P324(A) is more reliable than the µPD78P324. The µPD78P324(A) is a product resulting from
the
µPD78324(A) whose internal mask ROM is replaced by a one-time PROM.
For details of functions, please refer to the following User’s Manual. Reading this manual is indispensable
especially for designing work.
µPD78322 User’s Manual: IEU-1248
FEATURES
q
µPD78324 compatible
• For mass-production, this can be replaced by the
µPD78324 incorporated in the mask ROM.
q Minimum instruction run time: 250 ns (with the external clock operating at 16 MHz):
µPD78P324 & 78P324(A)
320 ns (with the external clock operating at 12.5 MHz):
µPD78P324(A1) &
78P324(A2)
q Internal PROM: 32768 x 8 bits
• Writing enabled only once (windowless one-time PROM product)
• Elimination by ultraviolet light and electrical rewriting enabled (EPROM product with window):
µPD78P324
only
q ECC circuit incorporated
• High internal PROM content reliablility possible
q PROM programming characteristic:
µPD27C1001A compatible
q QTOPTM microcomputer compatible
Remark
A QTOP microcomputer is a single-chip microcomputer with one-time PROM for which program
writing, marking, screening, and verifying is completely supported by NEC.
APPLICATION FIELDS
q
µPD78P324: Fields dealing with motor control equipment.
q
µPD78P324(A), 78P324(A1), and 78P324(A2): Automotive and transportation equipments, etc.
This document describes the
µPD78P324, 78P324(A), µPD78P324(A1), and µPD78P324(A2) as well. However,
unless there are particular differences, the
µPD78P324 is described as a representative product. PROM is
the representative term used for the part common to both the one-time PROM product and the EPROM
product.
Document No. IC-2857
(O. D. No. IC-8315)
Date Published January 1995 P
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com