Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 34Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 35Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 36Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 37Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 38Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 39Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 40Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 41Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
µPD78P324, 78P324(A)
36
(2)
µPD78P324(A) Electrical Specifications (5/9)
AC Characteristics (TA = –40 to +85
°C, VDD = +5 V ±10%, VSS = 0 V, CL = 100pF)
Non-serial Read/Write Operation (when connecting general-purpose memory)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
System clock cycle time
tCYK
125
250
ns
Address setup time (vs. ASTB
↓)tSAST
32
ns
Address hold time (vs. ASTB
↓)tHSTA
32
ns
Address
→ RD ↓ delay time
tDAR
85
ns
RD
↓ → address float time
tFRA
10
ns
Address
→ data input time
tDAID
222
ns
RD
↓ → data input time
tDRID
112
ns
ASTB
↓ → RD ↓ delay time
tDSTR
42
ns
Data hold time (vs. RD
↑)tHRID
0ns
RD
↑ → address active time
tDRA
50
ns
RD low-level width
tWRL
147
ns
ASTB high-level width
tWSTH
37
ns
Address
→ WR ↓ delay time
tDAW
85
ns
ASTB
↓ → data output time
tDSTOD
102
ns
WR
↓ → data output time
tDWOD
40
ns
ASTB
↓ → WR ↓ delay time
tDSTW
42
ns
Data setup time (vs. WR
↑)tSODW
147
ns
Data hold time (vs. WR
↑)tHWOD
32
ns
WR
↑ → ASTB ↑ delay time
tDWST
42
ns
WR low-level width
tWWL
147
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com