Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 68Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 69Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 70Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 71Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 72Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 73Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 74Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 75Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
µPD78P324, 78P324(A)
70
Table 9-2. Soldering Conditions for Surface-Mount Type (2)
µPD78P324GJ(A)-5BJ
: 74-pin plastic QFP (20 x 20 mm)
µPD78P324GJ(A1)-5BJ
: 74-pin plastic QFP (20 x 20 mm)
µPD78P324GJ(A2)-5BJ
: 74-pin plastic QFP (20 x 20 mm)
Soldering Method
Soldering Condition
Infrared reflow
Package peak temperature: 235
°C; time: within 30 secs (210 °C or more);
count: twice; day limit: 7 daysNote (hereafter, pre-baked for 36 hrs at 125
°C)
<Caution>
(1) The second reflow should be started after the temperature of the device
which would have been changed by the first reflow has returned to
normal.
(2) Please avoid flux water washing after the first reflow.
VPS
Package peak temperature: 215
°C; time: within 40 secs (200 °C or more);
count: within twice; day limit: 7 daysNote (hereafter, pre-baked for 36 hrs at
125
°C)
<Caution>
(1) The second reflow should be started after the temperature of the device
which would have been changed by the first reflow has returned to
normal.
(2) Please avoid flux water washing after the first reflow.
Wave soldering
Solder bath temperature: no more than 260
°C; time: within 10 secs; count:
once; preheating temperature: up to 120
°C (package surface temperature);
day limit: 7 daysNote (hereafter, pre-baked for 36 hours at 125
°C)
Pin part heating
Pin temperature: no more than 300
°C; time: within 3 secs (per device side)
Recommended
Condition Symbol
IR35-367-2
VP15-367-2
WS60-367-1
—
Note
Refers to the number of days for storage after the dry pack is opened. The storage conditions are 25
°C
and no more than 65 %RH.
Caution
Avoid using two or more soldering methods at the same time (except the pin part heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com