Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 19Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 20Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 21Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 22Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 23Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 24Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 25Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 26Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
µPD78P324, 78P324(A)
21
3.3
PROCEDURE FOR PROM READ
The PROM content is read to the external data bus (D0-D7) in accordance with the following procedure:
(1) Fix to RESET = H; and AVDD = L. Other unused pins are processed as directed by the PIN CONFIGURATION.
(2) Supply +5 V to the VDD and VPP pins.
(3) Enter the address of the data read into the A0-A16 pin.
(4) Read mode (CE = L; OE = L)
(5) Data is output to the D0-D7 pin.
The timing of the above (2) to (5) is shown in Figure 3-4.
Figure 3-4. PROM Read Timing
Address input
Data output
A0-A14
CE (input)
OE (input)
D0-D7
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com