Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 6Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 7Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 8Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 9Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 10Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 11Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 12Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 13Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
µPD78P324, 78P324(A)
8
(b) 68-pin plastic QFJ(s
s 950 mil); 68-pin ceramic WQFN
Caution
Codes marked by brackets refer to processing by pins unused in PROM programming mode.
L
: Connect to VSS individually via a resistor.
G
: Connect to VSS.
Open
: Do not connect anything.
A0-A16
: Address Bus
D0-D7
: Data Bus
CE
: Chip Enable
OE
: Output Enable
PGM
: Programming Mode
RESET
:
AVDD
:
VPP
: Programming Power Supply
NC
: Non-connection
Programming Mode Set
987654321 68 67 66 65 64 63 62 61
PD78P324LP
PD78P324KC
PD78P324LP(A)
PD78P324LP(A1)
PD78P324LP(A2)
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VDD
D7
D6
D5
D4
D3
(G)
(L)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
OE
CE
PGM
A15
A16
A8
A10
A11
A12
A13
A14
RESET
(Open)
(G)
VSS
(Open)
A0
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com