Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 14Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 15Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 16Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 17Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 18Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 19Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 20Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 21Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
µPD78P324, 78P324(A)
16
2.
DIFFERENCES BETWEEN
µPD78P324 AND µPD78324
The
µPD78P324 is a product in which the µPD78324’s internal mask ROM is replaced by a 32KB PROM.
Therefore, these two products share the same functions, except for differences deriving from the ROM
specifications (for example, Write and Verify, etc.). Their differences are shown in Table 2-1 below.
Table 2-1. Differences between
µPD78P324 and µPD78324
Product Name
Parameter
Internal program memory
(Electric write)
ECC circuit
PROM programming pin
Package
Electrical characteristics
Others
Cautions
1. The PROM product and the mask ROM product differ in their noise resistance volume and noise
reflection. If replacement of the PROM product with the mask ROM product in the process of trial
to mass production is being considered, ensure to make a sufficient evaluation with the CS
product (not ES product) of the mask ROM product.
2. The
µPD78P324(A)/(A1)/(A2) are one-time PROM products only. The differences between the
µPD78P324(A)/(A1)/(A2) and the µPD78324(A)/(A1)/(A2) are the same as those shown in the table
above, except in terms of the EPROM product.
µPD78P324
µPD78324
One-time PROM
EPROM
Mask ROM
(Write enabled only once)
(Rewrite enabled)
With
Without
With
Without
• 68-pin plastic QFJ
• 68-pin ceramic WQFN
• 68-pin plastic QFJ
• 74-pin plastic QFP
• 74-pin ceramic WQFN
• 74-pin plastic QFP
Differ in current consumption, etc.
As they differ in their circuit size and mask layout, their noise resistance volume and
noise reflection differ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com