Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 60Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 61Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 62Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 63Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 64Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 65Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 66Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 67Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
µPD78P324, 78P324(A)
62
Parameter
High-level input voltage
Low-level input voltage
Input leakage current
High-level output voltage
Low-level output voltage
Input current
Output leakage current
VDDP supply voltage
VPP supply voltage
VDDP supply current
VPP supply current
SymbolNote 1
VIH
VIL
ILI
VOH
VOL
—
—
VCC
VPP
IDD
IPP
Condition
0
≤ VI ≤ VDDPNote 2
IOH = –400
µA
IOL = 2.0
µA
A9(P20/NMI) pin, 0
≤ VO ≤ VDDP
0
≤VO ≤ VDDP, OE = VIH
Program memory Write mode
Program memory Read mode
Program memory Write mode
Program memory Read mode
Program memory Write mode
Program memory Read mode
Program memory Write mode
CE = PGM
Program memory Read mode
VPP = VDD
DC Programming Characteristics (TA = 25
±5 °C, VSS = 0 V)
MIN.
TYP.
MAX.
Unit
2.4
VDDP+0.3
V
–0.3
0.8
V
±10
µA
2.4
V
0.45
V
±10
µA
±10
µA
6.25
65
6.75
V
4.5
5.0
5.5
V
12.2
12.5
12.8
V
VPP = VDDP
V
30
mA
50
mA
50
mA
1
100
µA
Notes 1. Refers to the symbol of the corresponding
µPD27C1001A.
2. VDDP refers to the VDD pin in programming.
Symbol
VIH
VIL
ILI
VOH
VOL
IA9
ILO
VDDP
VPP
IDD
IPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com