Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 21Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 22Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 23Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 24Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 25Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 26Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 27Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 28Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
µPD78P324, 78P324(A)
23
7.
ELECTRICAL SPECIFICATIONS
(1)
µPD78P324 Electrical Specifications (1/9)
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Supply voltage
Input voltage
Output voltage
Low-level output current
High-level output current
Analog input voltage
A/D converter reference input voltage
Operating ambient temperature
Storage temperature
Unit
V
V
V
V
V
V
mA
mA
mA
mA
V
V
°C
°C
Rating
–0.5 to +7.0
–0.5 to VDD +0.5
–0.5 to +13.5
–0.5 to +0.5
–0.5 to VDD +0.5
–0.5 to VDD +0.5
4.0
90
–1.0
–20
–0.5 to VDD +0.5
–0.5 to AVDD +0.5
–0.5 to VDD +0.5
–0.5 to AVDD +0.5
–10 to +70
–65 to +150
Symbol
VDD
AVDD
VPP
AVSS
VI
VO
IOL
IOH
VIAN
AVREF
TA
Tstg
Condition
Note 1
All output pins
Total of all output pins
All output pins
Total of all output pins
AVDD > VDD
Note 2
VDD
≥ AVDD
AVDD > VDD
VDD
≥ AVDD
Notes 1. Except P70/AN0-P77/AN7.
2. P70/AN0-P77/AN7 pins.
Caution
If the absolute maximum rating of any one of the parameters is exceeded even momentarily, the
quality of the product may be degraded. In other words, the product may be physically damaged
if any of the absolute maximum ratings is exceeded. Be sure to use the product without exceeding
these ratings.
Recommended Operating Range
Oscillation Frequency
TA
VDD
8MHz
≤ fXX ≤ 16MHz
–10 to +70
°C
+5.0 V
±10 %
Capacitance (TA = 25
°C, VSS = VDD = 0 V)
Parameter
Input capacitance
Output capacitance
I/O capacitance
Symbol
CI
CO
CIO
Condition
f = 1 MHz;
0 V except measured pins
MIN.
TUP.
MAX.
Unit
10
pF
20
pF
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com