Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 23Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 24Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 25Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 26Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 27Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 28Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 29Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 30Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
µPD78P324, 78P324(A)
25
(1)
µPD78P324 Electrical Specifications (3/9)
Recommended Oscillation Circuit Constants
Ceramic Oscillator
Recommended Constant
C1 (pF)
C2 (pF)
30
30
15
15
Incorporated
Incorporated
Product Name
CSA8.00MT
CSA12.0MT
CSA14.74MXZ040
CSA16.00MX040
CST8.00MTW
CST12.0MTW
CST14.74MXW0C3
CST16.00MXW0C3
Frequency (MHz)
8.0
12.0
14.74
16.0
8.0
12.0
14.74
16.0
Manufacturer
Murata Mfg. Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com