Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 61Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 62Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 63Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 64Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 65Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 66Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 67Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 68Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
µPD78P324, 78P324(A)
63
AC Programming Characteristics (TA = 25
±5 °C, VSS = 0 V)
In PROM Write Mode
Parameter
Address setup time
CE set time
Input data setup time
Address hold time
Input data hold time
Output data hold time
VPP setup time
VDDP setup time
Initial program pulse width
OE set time
OE
→ valid data delay time
MIN.
TYP.
MAX.
Unit
2
µs
2
µs
2
µs
2
µs
2
µs
0
130
ns
2
µs
2
µs
0.095
0.1
0.105
ms
2
µs
200
ns
SymbolNote1
tAS
tCES
tDS
tAH
tDH
tDF
tVPS
tVDSNote 2
tPW
tOES
tOE
Condition
Notes 1. Corresponds to the symbol of
µPD27C1001A (tVDS excluded).
2. The symbol of tVDS on
µPD27C1001A is tVCS.
In PROM Read Mode
Parameter
Address
→ data output time
CE
↓ → data output time
OE
↓ → data output time
Data hold time
(vs. OE
↑, CE ↑)Note 2
Data hold time (vs. address)
MIN.
TYP.
MAX.
Unit
2
µs
1
µs
1
µs
0
130
ns
0ns
SymbolNote1
tACC
tCE
tOE
tDF
tOH
Condition
CE = OE = VIL
OE = VIL
CE = VIL
CE = VIL or OE = VIL
CE = OE = VIL
Notes 1. Corresponds to the symbol of
µPD27C1001A.
2. tDF refers to the time when either OE or CE became VIH first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com