Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 16Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 17Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 18Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 19Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 20Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 21Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 22Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 23Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
µPD78P324, 78P324(A)
18
Table 3-1. Pin Functions in Programming Mode
Function
Normal Operation Mode
Programming Mode
Address input
P00-P07, P80, P20, P81-P85, P33, P34
A0-A16
Data input
P40-P47
D0-D07
Program pulse
P32
PGM
Chip enable
P31
CE
Output enable
P30
OE
Program voltage
VPP
Mode voltage
RESET, AVDD
3.1
OPERATION MODE
When placing the microcomputer in programming Write/Verify mode, set it to RESET = H and AVDD = L.
In this mode, an operation mode in Table 3-2 can be selected by further setting the CE and OE pins.
When reading the content of the PROM, set it to Read mode. Process the unused pins in accordance with
the instructions in the PIN CONFIGURATION.
Table 3-2. Operation Mode of PROM Programming
Mode
Program Write
Program verify
Program inhibit
Read
Output disable
Standby
RESET
H
AVDD
L
Remark
x: L or H
CE
L
L
X
X
L
L
H
OE
H
L
L
H
L
H
X
PGM
L
H
L
H
H
X
X
VPP
+12.5 V
+5 V
VDD
+6.5 V
+5 V
D0-D7
Data input
Data output
High impedance
Data output
High impedance
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com