Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 7Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 8Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 9Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 10Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 11Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 12Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 13Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 14Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Remark
*: When in PROM programming mode
(P20) NMI
INTP0-INTP5
(P21-P26)
(P80) TO00
(P81) TO01
(P82) TO02
(P83) TO03
(P84) TO10
(P85) TO11
(P27) T1/INTP6
(P34) SCK
(P32) SO/SB0
(P33) SI/SB1
(P30) TXD
(P31) RXD
PROGRAMMABLE
INTERRUPT
CONTROLLER
TINER/COUNTER UNIT
(REAL TIME PULSE UNIT)
SERIAL INTERFFACE
(SBI)
(UART)
EXU
PROM
Peripheral RAM
BCU
Main RAM
ALU
ECC
32K
bytes
768
bytes
SYSTEM
CONTROL
&
BUS
CONTROL
&
PREFETCH
CONTROL
PORT
WDT
GENERAL
REGISTERS
128 bytes
&
DATA
MEMORY
128 bytes
MICRO
SEQUENCE
CONTROL
MICRO ROM
A/D CONVERTER
(10 BITS)
X1
X2
RESET
ASTB
RD
WR
TAS
TMD
EA/VPP*
A8-A15 (P50-P57)
AD0-AD7 (P40-P47)
A0-A16*
D0-D7*
PGM*
CE*
OE*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com