Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 26Page - Renesas Technology Corp UPD6708 Datasheet HTML 27Page - Renesas Technology Corp UPD6708 Datasheet HTML 28Page - Renesas Technology Corp UPD6708 Datasheet HTML 29Page - Renesas Technology Corp UPD6708 Datasheet HTML 30Page - Renesas Technology Corp UPD6708 Datasheet HTML 31Page - Renesas Technology Corp UPD6708 Datasheet HTML 32Page - Renesas Technology Corp UPD6708 Datasheet HTML 33Page - Renesas Technology Corp UPD6708 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
28
µPD6708
4.3
Reset Mode
When the RESET pin is driven low, the
µPD6708 enters the reset mode. To release the reset mode, the RESET pin
must be driven high and a reset release command input.
There are two methods of resetting the
µPD6708, as follows.
(1)
Resetting with RESET pin
If the RESET pin is driven low, the
µPD6708 will enter the reset mode.
To exit the reset mode, drive the RESET pin high and set bit 7 of CMR to ‘0’.
(2)
Resetting by software
If bit 7 of CMR is set to ‘1’ with the RESET pin fixed high, the
µPD6708 will enter the reset mode.
To exit the reset mode, set bit 7 to ‘0’.
When powering on, the RESET pin must be driven low to execute a reset.
The
µPD6708 will be in the following condition directly after leaving the reset mode.
<1> IEBus slave status is intialized.
Table 4-6. Slave Status Values after Leaving Reset Mode
Bit
Value
Meaning
Bit 7
1
Up to mode 2 is supported
Bit 6
0
Bit 5
0
Always ‘0’
Bit 4
0
The slave transmission section has stopped.
Bit 3
0
Always ‘0’
Bit 2
0
Unit is not locked.
Bit 1
0
Slave receive buffer is empty.
Bit 0
0
Slave transmit buffer is empty.
<2> WDB and RDB are empty.
<3> Reception is disabled.
Slave reception and broadcast reception are not acknowledged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com