Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 31Page - Renesas Technology Corp UPD6708 Datasheet HTML 32Page - Renesas Technology Corp UPD6708 Datasheet HTML 33Page - Renesas Technology Corp UPD6708 Datasheet HTML 34Page - Renesas Technology Corp UPD6708 Datasheet HTML 35Page - Renesas Technology Corp UPD6708 Datasheet HTML 36Page - Renesas Technology Corp UPD6708 Datasheet HTML 37Page - Renesas Technology Corp UPD6708 Datasheet HTML 38Page - Renesas Technology Corp UPD6708 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
33
µPD6708
5.2.3
MREQ1 command (command code: 0010)
(1)
Functions
This command executes a master communication (transmission or reception). After execution of the command, the unit
begins communication as the master unit. As long as it does not lose in arbitration, the master unit will communicate with
the slave unit which has the slave address specified by SETSA command.
<1> Selected broadcast communication or ordinary communication
Broadcast communication selection
: 0H (broadcast bit ‘0’ output)
Ordinary communication selection
: 8H (broadcast bit ‘1’ output)
<2> Sets the control bits (4 bits)
<3> Sets the number of transmit data bytes (8 bits) (transmission only)
Table 5-6. Number of Transmit Data Bytes Setting
Number of Transmit Data Bytes
Command Parameter
1 byte
1H
2 bytes
2H
::
::
255 bytes
FFH
256 bytes
00H
<4> Sets the transmit data (transmission only)
(2)
Example
When the MREQ1 command is used to select ‘ordinary communication’, set the control bit to ‘AH’ (command write and
lock), the number of transmit data bytes to 4, and the transmit data to 12H, 34H, 56H, and 78H, the contents of WDB and
CMR are shown below.
Caution Transmit data 56H and 78H should be set when the above command parameters have been read and WDB
is empty.
1000
1010
0000
0100
0100
0010
First Byte
Second Byte
Broadcast
Bits
Number of Transmit
Data Bytes
Third Byte
Fourth Byte
WDB
CMR
Control
Bits
First
Data Byte
Second
Data Byte
0011
0010
0001
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com