Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 63Page - Renesas Technology Corp UPD6708 Datasheet HTML 64Page - Renesas Technology Corp UPD6708 Datasheet HTML 65Page - Renesas Technology Corp UPD6708 Datasheet HTML 66Page - Renesas Technology Corp UPD6708 Datasheet HTML 67Page - Renesas Technology Corp UPD6708 Datasheet HTML 68Page - Renesas Technology Corp UPD6708 Datasheet HTML 69Page - Renesas Technology Corp UPD6708 Datasheet HTML 70Page - Renesas Technology Corp UPD6708 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
65
µPD6708
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
System clock
fX = 12 MHz
Using communication mode 2
11.94
12.00
12.06
MHz
Using communication mode 0,1
11.82
12.00
12.18
MHz
fX = 12.58 MHz
Using communication mode 2
12.52
12.58
12.64
MHz
Using communication mode 0,1
12.40
12.58
12.76
MHz
SCK cycle time
tKCY
0.8
µs
SCK high-level width
tKH
0.4
µs
SCK low-level width
tKL
0.4
µs
SI setup time (to SCK
↑)tSIK
100
ns
SI hold time (from SCK
↑)tKSI
400
ns
SO output delay time (from SCK
↑)
tKSO
300
ns
CS, C/D, R/W setup time (to SCK
↑)
tSA
0ns
CS, C/D, R/W hold time (from SCK
↑)
tHA
400
ns
CS high-level width
400
ns
IRQ output high-level width
8
11
µs
RESET low-level width
6
µs
Oscillation stabilization time
tOS
fX = 12 MHz
20
ms
AC Characteristics (TA = –40 to +85
°C, VDD = AVDD = 5 V ±10 %)
Serial Transfer Timing
CS, C/D, R/W
SCK
SI
SO
tSA
tHA
tKYC
tKL
tKH
tSIK
tKSI
Data Input
Data Output
tKSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com