Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 64Page - Renesas Technology Corp UPD6708 Datasheet HTML 65Page - Renesas Technology Corp UPD6708 Datasheet HTML 66Page - Renesas Technology Corp UPD6708 Datasheet HTML 67Page - Renesas Technology Corp UPD6708 Datasheet HTML 68Page - Renesas Technology Corp UPD6708 Datasheet HTML 69Page - Renesas Technology Corp UPD6708 Datasheet HTML 70Page - Renesas Technology Corp UPD6708 Datasheet HTML 71Page - Renesas Technology Corp UPD6708 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
66
µPD6708
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output current high
IOH
RL = 60
Ω ±5 %
– 2.73
– 6.22
mA
Output current low
IOL
1.0
µA
In-phase output voltage
VOCOM
When high and low
V
Input voltage high
VIH
120
mV
Input voltage low
VIL
20.0
mV
Input hysteresis voltage
VIHYS
25
mV
In-phase input voltage high
VIHCOM
1.00
VDD – 1.0
V
In-phase input voltage low
VILCOM
0VDD
V
Driver output resistance
RO
Between BUS + and BUS –
100
k
Driver output capacitance
CO
Between BUS + and BUS –,
25
pF
Receiver input capacitance
CI
Between BUS + and GND,
25
pF
Between BUS – and GND
IEBus Driver/Receiver Characteristics (TA = –40 to +85
°C, VDD = AVDD = 5 V ±10 %)
2
VDD
–0.25
2
VDD
+0.25
2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com