Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 30Page - Renesas Technology Corp UPD6708 Datasheet HTML 31Page - Renesas Technology Corp UPD6708 Datasheet HTML 32Page - Renesas Technology Corp UPD6708 Datasheet HTML 33Page - Renesas Technology Corp UPD6708 Datasheet HTML 34Page - Renesas Technology Corp UPD6708 Datasheet HTML 35Page - Renesas Technology Corp UPD6708 Datasheet HTML 36Page - Renesas Technology Corp UPD6708 Datasheet HTML 37Page - Renesas Technology Corp UPD6708 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
32
µPD6708
Table 5-5. Slave Status after Execution of INIT Command
Bit
Value
Meaning
Bit 2
0
Unit is not locked.
Bit 0
0
Slave transmit buffer is empty.
<4> Slave transmission and broadcast reception are enabled.
<5> After the 2-byte command parameter (master address and condition setting code) have been read from the write
data buffer (WDB), WDB is cleared.
(2)
Example
When INIT command specifies that the master address is ‘012H’ and the condition setting are ‘communication in mode
1’ and ‘slave data transmission section operable’, the contents of WDB and CMR are as shown below.
5.2.2
SETSA command (command code: 0001)
(1)
Functions
<1> Slave address (12 bits) setting
The value for the slave address set by the SETSA command remains unchanged until the power is turned off or the
reset mode is entered.
<2> This command clears WDB after reading the 2-byte command parameter (slave address) from WDB.
(2)
Example
When SETSA command sets the slave address as ‘024H’, the contents of WDB and CMR are as shown below.
0000
0001
0010
0101
0100
0000
First Byte
Second Byte
Master Address
Condition
Setting Code
Third Byte
Fourth Byte
WDB
CMR
0000
0010
0100
0000
0100
0001
First Byte
Second Byte
Slave Address
Set to
0000
Third Byte
Fourth Byte
WDB
CMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com