Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 20Page - Renesas Technology Corp UPD6708 Datasheet HTML 21Page - Renesas Technology Corp UPD6708 Datasheet HTML 22Page - Renesas Technology Corp UPD6708 Datasheet HTML 23Page - Renesas Technology Corp UPD6708 Datasheet HTML 24Page - Renesas Technology Corp UPD6708 Datasheet HTML 25Page - Renesas Technology Corp UPD6708 Datasheet HTML 26Page - Renesas Technology Corp UPD6708 Datasheet HTML 27Page - Renesas Technology Corp UPD6708 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
22
µPD6708
4.
INTERFACING WITH HOST CONTROLLER
This chapter will explain the interfacing that occurs between the
µPD6708 and the host controller.
4.1
Accessible Buffers and Registers from Host Controller
The host controller, which controls the
µPD6708, can access the write data (WDB), the read data buffer (RDB), the
command register (CMR), and the status register (STR) within the
µPD6708.
4.1.1
Write data buffer (WDB)
WDB is a 4-byte FIFO buffer in which the host controller transmit data and the parameters of the communication control
commands are written.
4.1.2
Read data buffer (RDB)
RDB is a 20-byte FIFO buffer which stores the receive data acknowledged by the data link layer controller in the
µPD6708.
The host controller reads the
µPD6708 receive data from RDB.
4.1.3
Command register (CMR)
CMR is an 8-bit register used to write control commands for the
µPD6708.
As shown in Table 4-1, the host controller sets the reset mode and the host interface mode in higher 4 bits and sets the
communication control command code in lower 4 bits.
Table 4-1. Contents of Command Register
Bit
Value
Meaning
Bit 7
1
Entering the reset mode
0
Exiting the reset mode
Bit 6
1
Data of lower 4 bits of CMR is valid.
0
Data of lower 4 bits of CMR is not valid.
Bit 5
00
Change of mode through pin control
Switches the host interface mode
Bit 4
01
Data write mode
10
Data read mode
11
Status read mode
Bit 3 to
Set the communication control command codes
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com