Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 41Page - Renesas Technology Corp UPD6708 Datasheet HTML 42Page - Renesas Technology Corp UPD6708 Datasheet HTML 43Page - Renesas Technology Corp UPD6708 Datasheet HTML 44Page - Renesas Technology Corp UPD6708 Datasheet HTML 45Page - Renesas Technology Corp UPD6708 Datasheet HTML 46Page - Renesas Technology Corp UPD6708 Datasheet HTML 47Page - Renesas Technology Corp UPD6708 Datasheet HTML 48Page - Renesas Technology Corp UPD6708 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
43
µPD6708
7.
COMMUNICATING WITH HOST CONTROLLER
This section explains the flow of data between the
µPD6708 and the host controller via the serial interface (SCK, SO,
SI pins) during communications.
7.1
Master Transmission
Master transmission is the communication data exchange which takes place when a unit becomes a master unit by
specifying AH, BH, and FH as control bits and executing the MREQ1 or MREQ2 command, and then transmitting data and
commands to slave units.
7.1.1
Master transmission by MREQ1 command
(1)
The control bits, number of transmit data bytes and transmit data are placed in the write WDB as command parameters
as shown in Figure 7-1, and the MREQ1 command (command code: 2H) is executed.
(2)
When a unit wins in arbitration as the master unit (the end of the master address field), the transmission start return
code (0H) is placed in the status register (STR), and an interrupt request is generated for the host controller. At this time,
the host controller places the third and following bytes of transmit data in WDB.
Figure 7-1. Data Exchange During Master Transmission (Contents of WDB)
(3)
If the number of data or command bytes specified by “number of transmit data bytes” are transmitted correctly, a
“transmission end” return code (2H) will be placed in STR and an interrupt request will be generated.
(4)
If an error occurs during transmission and the data communication is halted, a “termination during transmission” return
code (3H) will be placed in STR and an interrupt request will be generated.
The timing at which the
µPD6708 reads transmit data from WDB is shown below.
Table 7-1. Timing for Reading Transmit Data from WDB
(The minimum time after transmission start return code (0H) is set in STR)
Transmit Data
Timing for Reading Transmit Data from WDB (
µs)
Mode 0
Mode 1
Mode 2
Transmit data (first byte)
Approx. 4745
Approx. 1205
Approx. 870
Transmit data (second byte)
Approx. 6325
Approx. 1605
Approx. 1160
::
:
:
Transmit data (N-th byte)
Approx. 3165+1580
× N
Approx. 805+400
× N
Approx. 580+290
× N
Broadcast
Bits
Control Bits
Number of Transmit
Data Bytes
First Byte
Second Byte
Third Byte
Fourth Byte
WDB
Transmit Data (First Byte) Transmit Data (Second Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com