Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 17Page - Renesas Technology Corp UPD6708 Datasheet HTML 18Page - Renesas Technology Corp UPD6708 Datasheet HTML 19Page - Renesas Technology Corp UPD6708 Datasheet HTML 20Page - Renesas Technology Corp UPD6708 Datasheet HTML 21Page - Renesas Technology Corp UPD6708 Datasheet HTML 22Page - Renesas Technology Corp UPD6708 Datasheet HTML 23Page - Renesas Technology Corp UPD6708 Datasheet HTML 24Page - Renesas Technology Corp UPD6708 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
19
µPD6708
2.5
Bit Format
The IEBus communication frame bit format (concept) is shown in Figure 2-4.
Figure 2-4. IEBus Bit Format (Concept)
Logic “1”: Potential difference between bus lines (BUS+ pin and BUS– pin) is 20 mV or lower (low level).
Logic “0”: Potential difference between bus lines (BUS+ pin and BUS– pin) is 120 mV or higher (high level).
Preparation period:
The first or subsequent low-level (logic “1”) period
Synchronous period: The next high-level (logic “0”) period
Data period:
The period that expresses the bit value (logic “1”: low level; logic “0”: high level)
The synchronous period and data period have approximately the same length.
The IEBus uses bit-by-bit synchronization. The specifications for the total bit time and the periods allocated to the bits
depend on the type of transfer bit, and on whether the unit is the master unit or the slave unit.
5
Preparation Period Synchronous Period
Data Period
Logic "1"
Logic "0"
Preparation Period Synchronous Period
Data Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com