Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 42Page - Renesas Technology Corp UPD6708 Datasheet HTML 43Page - Renesas Technology Corp UPD6708 Datasheet HTML 44Page - Renesas Technology Corp UPD6708 Datasheet HTML 45Page - Renesas Technology Corp UPD6708 Datasheet HTML 46Page - Renesas Technology Corp UPD6708 Datasheet HTML 47Page - Renesas Technology Corp UPD6708 Datasheet HTML 48Page - Renesas Technology Corp UPD6708 Datasheet HTML 49Page - Renesas Technology Corp UPD6708 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
44
µPD6708
7.1.2
Master transmission by MREQ2 command
If the MREQ1 command is executed and a communication error occurs during the transmission of data or a command,
with the result that not all the data is transmitted, the remaining data can be transmitted by executing the MREQ2 command.
(1)
The remaining data is placed in WDB as command parameters as shown in Figure 7-2, and the MREQ2 command
(command code: 3H) is executed.
Figure 7-2. Data Exchange During Master Transmission (Contents of Write Data Buffer)
Transmit Data (N-th Byte)
First Byte
Second Byte
Third Byte
Fourth Byte
WDB
Transmit Data (Byte N+2)
Transmit Data (Byte N+3)
Transmit Data (Byte N+1)
The remaining operations are the same as 7.1.1 “Master transmission by MREQ1 command”.
7.2
Slave Transmission
7.2.1
Data transmission
When the slave unit receives control bit 3H or 7H from the master unit, it transmits data as follows.
(1)
It places the number of transmit data bytes and transmit data in WDB as command parameters as shown in Figure
7-3, and executes the SETSD command (command code: 5H).
(2)
When the unit receives control bit 3H or 7H from the master unit, the “transmission start” return code (0H) is placed
in STR, and an interrupt request is generated. At this time, the host controller places the fourth and following bytes of
transmit data in WDB.
Figure 7-3. Data Exchange During Slave Transmission (Contents of WDB)
First Byte
Second Byte
Third Byte
Fourth Byte
WDB
Transmit Data (Second Byte) Transmit Data (Third Byte)
Number of Transmit
Data Bytes
Transmit Data (First Byte)
(3)
If the number of data or command bytes specified by “number of transmit data bytes” is transmitted correctly, a
“transmission end” return code (2H) will be placed in STR and an interrupt request will be generated.
(4)
If an error occurs during transmission and the data communication is halted, a “termination during transmission” return
code (3H) will be placed in STR and an interrupt request will be generated.
The timing at which the
µPD6708 reads transmit data from WDB is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com