Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 65Page - Renesas Technology Corp UPD6708 Datasheet HTML 66Page - Renesas Technology Corp UPD6708 Datasheet HTML 67Page - Renesas Technology Corp UPD6708 Datasheet HTML 68Page - Renesas Technology Corp UPD6708 Datasheet HTML 69Page - Renesas Technology Corp UPD6708 Datasheet HTML 70Page - Renesas Technology Corp UPD6708 Datasheet HTML 71Page - Renesas Technology Corp UPD6708 Datasheet HTML 72Page - Renesas Technology Corp UPD6708 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
67
µPD6708
10. PACKAGE DRAWINGS
5
16 PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
F
G
H
I
J
K
20.32 MAX.
2.54 (T.P.)
3.5±0.3
0.51 MIN.
4.31 MAX.
1.27 MAX.
L
0.25
7.62 (T.P.)
5.08 MAX.
6.5
N
1.1 MIN.
P
0.800 MAX.
0.050 MAX.
0.043 MIN.
0.138±0.012
0.020 MIN.
0.170 MAX.
0.200 MAX.
0.300 (T.P.)
0.256
0.01
0.043 MIN.
0.100 (T.P.)
1.1 MIN.
P16C-100-300B-1
D
0.50±0.10
0.020
M
0.25
0.010
+0.10
–0.05
R0
∼15°
0
∼15°
+0.004
–0.005
+0.004
–0.003
NOTES
Each lead centerline is located within 0.25 mm (0.01 inch)
of its true position (T.P.) at maximum material condition.
Item "K" to center of leads when formed parallel.
1)
2)
M
18
16
9
A
B
C
N
F
D
M
R
K
L
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com