Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 47Page - Renesas Technology Corp UPD6708 Datasheet HTML 48Page - Renesas Technology Corp UPD6708 Datasheet HTML 49Page - Renesas Technology Corp UPD6708 Datasheet HTML 50Page - Renesas Technology Corp UPD6708 Datasheet HTML 51Page - Renesas Technology Corp UPD6708 Datasheet HTML 52Page - Renesas Technology Corp UPD6708 Datasheet HTML 53Page - Renesas Technology Corp UPD6708 Datasheet HTML 54Page - Renesas Technology Corp UPD6708 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
49
µPD6708
8.2
Interrupt Service Routine
This routine is used when an interrupt request is generated from the
µPD6708 (when IRQ pin becomes high). This routine
reads the contents of the return code, performs flag setting, and reads receive data.
Notes 1.
See 8.3.3.
2.
See 8.3.4.
3.
See 8.3.5.
Start
Disable interrupts
from PD6708
µ
Is SIO register used?
Save value of I/O port which controls
PD6708 C/D and
R/W pins, and value of SIO register in host controller
µ
Read STR
Return code classification
01
Master reception
processing
routine Note 3
Master
transmission
processing
routine Note 1
Slave data
transmission
processing
routine Note 2
Master?
Slave reception
processing
routine
Broadcast
reception
processing
routine
10
11
Restore value of I/O port which controls
PD6708 C/D
and R/W pins, and value of SIO register in host controller
µ
Enable interrupts
from
PD6708
End
RETI
µ
00
YN
Y
N
This processing is not necessary
if interrupts are disabled when
SIO is used in the main routine.
Most significant 2 bits
of return code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com