Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD6708
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD6708 Datasheet HTML 9Page - Renesas Technology Corp UPD6708 Datasheet HTML 10Page - Renesas Technology Corp UPD6708 Datasheet HTML 11Page - Renesas Technology Corp UPD6708 Datasheet HTML 12Page - Renesas Technology Corp UPD6708 Datasheet HTML 13Page - Renesas Technology Corp UPD6708 Datasheet HTML 14Page - Renesas Technology Corp UPD6708 Datasheet HTML 15Page - Renesas Technology Corp UPD6708 Datasheet HTML 16Page - Renesas Technology Corp UPD6708 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
11
µPD6708
(2)
Master address field
The master address field is used to transmit the unit address of the master unit (master address) to the other units.
The master address field consists of master address bits and a parity bit.
The master address comprises 12 bits and is output from the MSB.
If two or more units start transmitting the broadcast bit of the same value simultaneously, the arbitration decision is made
by the master address field.
The master address field compares the data the master has output with the data on the bus each time the master transmits
1 bit of data. If the master address output by the master unit is different from the data on the bus, the master unit assumes
that it has lost in arbitration, stops transmission, and enters the reception state.
Because the IEBus has a wired-AND configuration, the unit having the lowest master address of the units participating
in the arbitration (arbitration masters) wins in the arbitration. Ultimately, only one unit remains in the transmission state
as the master unit after outputting a 12-bit master address.
This master unit then outputs a parity bit Note, makes the other units confirm the master address, and then outputs the
slave address field.
Note
Even parity is used. When the number of the bits that are ‘1’ in the master address is odd, the parity bit is ‘1’.
(3)
Slave address field
The slave address field is used to transmit the address (slave address) of a unit (slave unit) with which the master wishes
to communicate.
The slave address field consists of slave address bits, a parity bit, and an acknowledge bit.
The slave address comprises 12 bits and is output from the MSB. After the 12-bit slave address is transmitted, the parity
bit is output to prevent the slave address from being received incorrectly. Next, the master unit looks for the acknowledge
signal (bit) from the slave unit to confirm that the slave unit exists on the bus. When the master unit detects the acknowledge
signal, it starts outputting the control field. In the case of broadcast communication, however, the master unit outputs the
control field without waiting for the acknowledge bit.
A slave unit outputs the acknowledge signal if it has detected that its slave address coincides with that selected by the
master and that the parities of both the master and slave addresses are even. If the parity is odd, the slave unit assumes
that the master or slave address has not been correctly received, and does not output the acknowledge signal. In this case,
the master unit enters the standby (monitor) state and communication ceases.
In the case of broadcast communication, the slave address is used to distinguish between group broadcast and general
broadcast as follows:
Slave address = FFFH: General broadcast communication
Slave address
≠ FFFH: Group broadcast communication
Remark
In the case of group broadcast communication, the group number is the value of higher 4 bits of the slave
address.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com