Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 26Page - Texas Instruments CC1000-RTR1 Datasheet HTML 27Page - Texas Instruments CC1000-RTR1 Datasheet HTML 28Page - Texas Instruments CC1000-RTR1 Datasheet HTML 29Page - Texas Instruments CC1000-RTR1 Datasheet HTML 30Page - Texas Instruments CC1000-RTR1 Datasheet HTML 31Page - Texas Instruments CC1000-RTR1 Datasheet HTML 32Page - Texas Instruments CC1000-RTR1 Datasheet HTML 33Page - Texas Instruments CC1000-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
CC1000
SWRS048A
Page 30 of 55
Figure 19. Sequence for activating RX or TX mode
Turn on crystal oscillator core
MAIN: CORE_PD = 0
Wait 2 ms*
Turn on bias generator
BIAS_PD = 0
Wait 200
µs
Turn on RX:
MAIN: RXTX = 0, F_REG = 0
RX_PD = 0, FS_PD = 0
CURRENT = ‘RX current’
PLL = ’RX pll’
Wait 250
µs
RX or TX?
Power Down
*Time to wait depends on the crystal frequency
and the load capacitance
RX mode
Turn off RX:
MAIN: RX_PD = 1, FS_PD = 1,
CORE_PD=1, BIAS_PD=1
Power Down
Turn on TX:
PA_POW = 00h
MAIN: RXTX = 1, F_REG = 1
TX_PD = 0, FS_PD = 0
CURRENT = ‘TX current’
PLL = ’RX pll’
Wait 250
µs
TX mode
Turn off TX:
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD=1, BIAS_PD=1
PA_POW = 00h
Power Down
PA_POW = ‘Output power’
Wait 20
µs
RX
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com