Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 31Page - Texas Instruments CC1000-RTR1 Datasheet HTML 32Page - Texas Instruments CC1000-RTR1 Datasheet HTML 33Page - Texas Instruments CC1000-RTR1 Datasheet HTML 34Page - Texas Instruments CC1000-RTR1 Datasheet HTML 35Page - Texas Instruments CC1000-RTR1 Datasheet HTML 36Page - Texas Instruments CC1000-RTR1 Datasheet HTML 37Page - Texas Instruments CC1000-RTR1 Datasheet HTML 38Page - Texas Instruments CC1000-RTR1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
CC1000
SWRS048A
Page 35 of 55
24. Crystal oscillator
CC1000 has an advanced amplitude
regulated crystal oscillator. A high current
is used to start up the oscillations. When
the amplitude builds up, the current is
reduced to what is necessary to maintain
a 600 mVpp amplitude. This ensures a
fast
start-up,
keeps
the
current
consumption as well as the drive level to a
minimum
and
makes
the
oscillator
insensitive to ESR variations.
An external clock signal or the internal
crystal oscillator can be used as main
frequency reference. An external clock
signal should be connected to XOSC_Q1,
while XOSC_Q2 should be left open. The
XOSC_BYPASS bit in the FRONT_END
register should be set when an external
clock signal is used.
The crystal frequency should be in the
range 3-4, 6-8 or 9-16 MHz. Because the
crystal frequency is used as reference for
the data rate (as well as other internal
functions), the following frequencies are
recommended: 3.6864, 7.3728, 11.0592
or 14.7456 MHz. These frequencies will
give accurate data rates. The crystal
frequency
range
is
selected
by
XOSC_FREQ1:0 in the MODEM0 register.
To operate in synchronous mode at data
rates different from the standards at 1.2,
2.4, 4.8 kBaud and so on, the crystal
frequency can be scaled. The data rate
(DR) will change proportionally to the new
crystal frequency (f). To calculate the new
crystal frequency:
DR
DR
f
f
new
xtal
new
xtal
=
_
Using the internal crystal oscillator, the
crystal
must
be
connected
between
XOSC_Q1 and XOSC_Q2. The oscillator
is designed for parallel mode operation of
the crystal. In addition loading capacitors
(C171 and C181) for the crystal are
required. The loading capacitor values
depend on the total load capacitance, CL,
specified for the crystal. The total load
capacitance seen between the crystal
terminals should equal CL for the crystal to
oscillate at the specified frequency.
parasitic
L
C
C
C
C
+
+
=
181
171
1
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance. Typically the total parasitic
capacitance is 8 pF. A trimming capacitor
may be placed across C171 for initial
tuning if necessary.
The crystal oscillator circuit is shown in
Figure 24. Typical component values for
different values of CL are given in Table
12.
The initial tolerance, temperature drift,
ageing and load pulling should be carefully
specified in order to meet the required
frequency
accuracy
in
a
certain
application.
By
specifying
the
total
expected
frequency
accuracy
in
SmartRF
® Studio together with data rate
and frequency separation, the software
will calculate the total bandwidth and
compare to the available IF bandwidth.
C171
C181
XTAL
XOSC_Q1
XOSC_Q2
C171
C181
XTAL
XTAL
XOSC_Q1
XOSC_Q2
Figure 24. Crystal oscillator circuit
Item
CL= 12 pF
CL= 16 pF
CL= 22 pF
C171
6.8 pF
18 pF
33 pF
C181
6.8 pF
18 pF
33 pF
Table 12. Crystal oscillator component values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com