Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 29Page - Texas Instruments CC1000-RTR1 Datasheet HTML 30Page - Texas Instruments CC1000-RTR1 Datasheet HTML 31Page - Texas Instruments CC1000-RTR1 Datasheet HTML 32Page - Texas Instruments CC1000-RTR1 Datasheet HTML 33Page - Texas Instruments CC1000-RTR1 Datasheet HTML 34Page - Texas Instruments CC1000-RTR1 Datasheet HTML 35Page - Texas Instruments CC1000-RTR1 Datasheet HTML 36Page - Texas Instruments CC1000-RTR1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
CC1000
SWRS048A
Page 33 of 55
22. RSSI output
CC1000 has a built-in RSSI (Received
Signal
Strength
Indicator)
giving
an
analogue output signal at the RSSI/IF pin.
The IF_RSSI bits in the FRONT_END
register enable the RSSI. When the RSSI
function is enabled, the output current of
this pin is inversely proportional to the
input signal level. The output should be
terminated in a resistor to convert the
current output into a voltage. A capacitor
is used in order to low-pass filter the
signal.
The RSSI voltage range from 0 – 1.2 V
when using a 27 k
Ω terminating resistor,
giving approximately 50 dB/V. This RSSI
voltage can be measured by an A/D
converter. Note that a higher voltage
means
a
lower
input
signal.
The RSSI measures the power referred to
the RF_IN pin. The input power can be
calculated using the following equations:
P = -51.3 VRSSI– 49.2 [dBm] at 433 MHz
P = -50.0 VRSSI– 45.5 [dBm] at 868 MHz
The external network for RSSI operation is
shown in Figure 21. R281 = 27 k
Ω, C281
= 1nF.
A typical plot of RSSI voltage as function
of input power is shown in Figure 22.
Figure 21. RSSI circuit
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
-105 -100 -95
-90
-85
-80
-75
-70
-65
-60
-55
-50
dBm
433Mhz
868Mhz
Figure 22. RSSI voltage vs. input power
RSSI/IF
TO ADC
CC1000
R281
C281
RSSI/IF
TO ADC
CC1000
R281
C281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com