Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 28Page - Texas Instruments CC1000-RTR1 Datasheet HTML 29Page - Texas Instruments CC1000-RTR1 Datasheet HTML 30Page - Texas Instruments CC1000-RTR1 Datasheet HTML 31Page - Texas Instruments CC1000-RTR1 Datasheet HTML 32Page - Texas Instruments CC1000-RTR1 Datasheet HTML 33Page - Texas Instruments CC1000-RTR1 Datasheet HTML 34Page - Texas Instruments CC1000-RTR1 Datasheet HTML 35Page - Texas Instruments CC1000-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
CC1000
SWRS048A
Page 32 of 55
21. Output power programming
The RF output power is programmable
and controlled by the PA_POW register.
Table 11 shows the closest programmable
value for output powers in steps of 1 dB.
The typical current consumption is also
shown.
In power down mode the PA_POW should
be set to 00h for minimum leakage
current.
RF frequency 433 MHz
RF frequency 868 MHz
Output power
[dBm]
PA_POW
[hex]
Current consumption,
typ. [mA]
PA_POW
[hex]
Current consumption,
typ. [mA]
-20
01
6.9
02
8.6
-19
01
6.9
02
8.8
-18
02
7.1
03
9.0
-17
02
7.1
03
9.0
-16
02
7.1
04
9.1
-15
03
7.4
05
9.3
-14
03
7.4
05
9.3
-13
03
7.4
06
9.5
-12
04
7.6
07
9.7
-11
04
7.6
08
9.9
-10
05
7.9
09
10.1
-9
05
7.9
0B
10.4
-8
06
8.2
0C
10.6
-7
07
8.4
0D
10.8
-6
08
8.7
0F
11.1
-5
09
8.9
40
13.8
-4
0A
9.6
50
14.5
-3
0B
9.4
50
14.5
-2
0C
9.7
60
15.1
-1
0E
10.2
70
15.8
0
0F
10.4
80
16.8
1
40
11.8
90
17.2
2
50
12.8
B0
18.5
3
50
12.8
C0
19.2
4
60
13.8
F0
21.3
5
70
14.8
FF
25.4
6
80
15.8
7
90
16.8
8
C0
20.0
9
E0
22.1
10
FF
26.7
Table 11. Output power settings and typical current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com