Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 42Page - Texas Instruments CC1000-RTR1 Datasheet HTML 43Page - Texas Instruments CC1000-RTR1 Datasheet HTML 44Page - Texas Instruments CC1000-RTR1 Datasheet HTML 45Page - Texas Instruments CC1000-RTR1 Datasheet HTML 46Page - Texas Instruments CC1000-RTR1 Datasheet HTML 47Page - Texas Instruments CC1000-RTR1 Datasheet HTML 48Page - Texas Instruments CC1000-RTR1 Datasheet HTML 49Page - Texas Instruments CC1000-RTR1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
CC1000
SWRS048A
Page 46 of 55
PRESCALER Register (1Ch)
REGISTER
NAME
Default
value
Active
Description
PRESCALER[7:6]
PRE_SWING[1:0]
00
-
Prescaler swing. Fractions for
PRE_CURRENT[1:0] = 00
00 : 1
* Nominal Swing
01 : 2/3 * Nominal Swing
10 : 7/3 * Nominal Swing
11 : 5/3 * Nominal Swing
PRESCALER[5:4]
PRE_CURRENT
[1:0]
00
-
Prescaler current scaling
00 : 1
* Nominal Current
01 : 2/3 * Nominal Current
10 : 1/2 * Nominal Current
11 : 2/5 * Nominal Current
PRESCALER[3]
IF_INPUT
0
-
0 : Nominal setting
1 : RSSI/IF pin is input to IF-strips
PRESCALER[2]
IF_FRONT
0
-
0 : Nominal setting
1 : Output of IF_Front_amp is switched to
RSSI/IF pin
PRESCALER[1:0]
-
00
-
Not used
TEST6 Register (for test only, 40h)
REGISTER
NAME
Default
value
Active
Description
TEST6[7]
LOOPFILTER_TP1
0
-
1 : Select testpoint 1 to CHP_OUT
0 : CHP_OUT tied to GND
TEST6 [6]
LOOPFILTER_TP2
0
-
1 : Select testpoint 2 to CHP_OUT
0 : CHP_OUT tied to GND
TEST6 [5]
CHP_OVERRIDE
0
-
1 : use CHP_CO[4:0] value
0 : use calibrated value
TEST6[4:0]
CHP_CO[4:0]
10000
-
Charge_Pump Current DAC override value
TEST5 Register (for test only, 41h)
REGISTER
NAME
Default
value
Active
Description
TEST5[7:6]
-
-
-
Not used
TEST5[5]
CHP_DISABLE
0
-
1 : CHP up and down pulses disabled
0 : normal operation
TEST5[4]
VCO_OVERRIDE
0
-
1 : use VCO_AO[2:0] value
0 : use calibrated value
TEST5[3:0]
VCO_AO[3:0]
1000
-
VCO_ARRAY override value
TEST4 Register (for test only, 42h)
REGISTER
NAME
Default
value
Active
Description
TEST4[7:6]
-
-
-
Not used
TEST4[5:0]
L2KIO[5:0]
100101
h
Constant setting charge pump current
scaling/rounding factor. Sets Bandwidth of
PLL. Use 3Fh for 9.6 kBaud and higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com