Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 40Page - Texas Instruments CC1000-RTR1 Datasheet HTML 41Page - Texas Instruments CC1000-RTR1 Datasheet HTML 42Page - Texas Instruments CC1000-RTR1 Datasheet HTML 43Page - Texas Instruments CC1000-RTR1 Datasheet HTML 44Page - Texas Instruments CC1000-RTR1 Datasheet HTML 45Page - Texas Instruments CC1000-RTR1 Datasheet HTML 46Page - Texas Instruments CC1000-RTR1 Datasheet HTML 47Page - Texas Instruments CC1000-RTR1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
CC1000
SWRS048A
Page 44 of 55
MODEM2 Register (0Fh)
REGISTER
NAME
Default
value
Active
Description
MODEM2[7]
PEAKDETECT
1
H
Peak Detector and Remover disabled or
enabled
0 : Peak detector and remover is
disabled
1 : Peak detector and remover is
enabled
MODEM2[6:0]
PEAK_LEVEL_OFFSET[6:0]
0010110
-
Threshold level for Peak Remover in
Demodulator. Correlated to frequency
deviation, see note.
Note: PEAK_LEVEL_OFFSET[6:0] =
8
5
2
⋅
∆
+
−
f
IF
Fs
IF
Fs
low
low
where
1
_
_
+
=
FREQ
XOSC
xosc
f
Fs
and
accuracy
XTAL
rf
f
kHz
IF
low
_
_
2
150
•
•
−
=
and
∆f is the separation
MODEM1 Register (10h)
REGISTER
NAME
Default
value
Active
Description
MODEM1[7:5]
MLIMIT
011
-
Sets the limit for the Manchester Violation Flag.
A Manchester Value = 14 is a perfect bit and a
Manchester Value = 0 is a constant level (an
unbalanced corrupted bit)
000 : No Violation Flag is set
001 : Violation Flag is set for Manchester Value < 1
010 : Violation Flag is set for Manchester Value < 2
011 : Violation Flag is set for Manchester Value < 3
100 : Violation Flag is set for Manchester Value < 4
101 : Violation Flag is set for Manchester Value < 5
110 : Violation Flag is set for Manchester Value < 6
111 : Violation Flag is set for Manchester Value < 7
MODEM1[4]
LOCK_AVG_IN
0
H
Lock control bit of Average Filter
0 : Average Filter is free-running
1 : Average Filter is locked
MODEM1[3]
LOCK_AVG_MODE
0
-
Automatic lock of Average Filter
0 : Lock of Average Filter is controlled automatically
1 : Lock of Average Filter is controlled by
LOCK_AVG_IN
MODEM1[2:1]
SETTLING[1:0]
11
-
Settling Time of Average Filter
00 : 11 baud settling time, worst case 1.2dB loss in
sensitivity
01 : 22 baud settling time, worst case 0.6dB loss in
sensitivity
10 : 43 baud settling time, worst case 0.3dB loss in
sensitivity
11 : 86 baud settling time, worst case 0.15dB loss in
sensitivity
MODEM1[0]
MODEM_RESET_N
1
L
Separate reset of MODEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com