Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 38Page - Texas Instruments CC1000-RTR1 Datasheet HTML 39Page - Texas Instruments CC1000-RTR1 Datasheet HTML 40Page - Texas Instruments CC1000-RTR1 Datasheet HTML 41Page - Texas Instruments CC1000-RTR1 Datasheet HTML 42Page - Texas Instruments CC1000-RTR1 Datasheet HTML 43Page - Texas Instruments CC1000-RTR1 Datasheet HTML 44Page - Texas Instruments CC1000-RTR1 Datasheet HTML 45Page - Texas Instruments CC1000-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
CC1000
SWRS048A
Page 42 of 55
PA_POW Register (0Bh)
REGISTER
NAME
Default
value
Active
Description
PA_POW[7:4]
PA_HIGHPOWER[3:0]
0000
-
Control of output power in high power array.
Should be 0000 in PD mode . See Table 11
page 32 for details.
PA_POW[3:0]
PA_LOWPOWER[3:0]
1111
-
Control of output power in low power array
Should be 0000 in PD mode. See Table 11
page 32 for details.
PLL Register (0Ch)
REGISTER
NAME
Default
value
Active
Description
PLL[7]
EXT_FILTER
0
-
1 : External loop filter
0 : Internal loop filter
1-to-0 transition samples F_COMP
comparator when BREAK_LOOP=1
(TEST3)
PLL[6:3]
REFDIV[3:0]
0010
-
Reference divider
0000 : Not allowed
0001 : Not allowed
0010 : Divide by 2
0011 : Divide by 3
…........
1111 : Divide by 15
PLL[2]
ALARM_DISABLE
0
h
0 : Alarm function enabled
1 : Alarm function disabled
PLL[1]
ALARM_H
-
-
Status bit for tuning voltage out of range
(too close to VDD)
PLL[0]
ALARM_L
-
-
Status bit for tuning voltage out of range
(too close to GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com