Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 11Page - Texas Instruments CC1000-RTR1 Datasheet HTML 12Page - Texas Instruments CC1000-RTR1 Datasheet HTML 13Page - Texas Instruments CC1000-RTR1 Datasheet HTML 14Page - Texas Instruments CC1000-RTR1 Datasheet HTML 15Page - Texas Instruments CC1000-RTR1 Datasheet HTML 16Page - Texas Instruments CC1000-RTR1 Datasheet HTML 17Page - Texas Instruments CC1000-RTR1 Datasheet HTML 18Page - Texas Instruments CC1000-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
CC1000
SWRS048A
Page 15 of 55
10. Microcontroller Interface
Used in a typical system,
CC1000 will
interface
to
a
microcontroller.
This
microcontroller must be able to:
•
Program
CC1000 into different modes
via the 3-wire serial configuration
interface (PDATA, PCLK and PALE).
•
Interface
to
the
bi-directional
synchronous
data
signal
interface
(DIO and DCLK).
•
Optionally the microcontroller can do
data encoding / decoding.
•
Optionally
the
microcontroller
can
monitor the frequency lock status from
pin CHP_OUT (LOCK).
•
Optionally
the
microcontroller
can
monitor the RSSI output for signal
strength acquisition.
10.1 Connecting the microcontroller
The microcontroller uses 3 output pins for
the configuration interface (PDATA, PCLK
and PALE). PDATA should be a bi-
directional pin for data read-back. A bi-
directional pin is used for data (DIO) to be
transmitted and data received. DCLK
providing
the
data
timing
should
be
connected
to
a
microcontroller
input.
Optionally another pin can be used to
monitor the LOCK signal (available at the
CHP_OUT pin). This signal is logic level
high when the PLL is in lock. See Figure
6.
Also the RSSI signal can be connected to
the microcontroller if it has an analogue
ADC input.
The microcontroller pins connected to
PDATA and PCLK can be used for other
purposes when the configuration interface
is not used. PDATA and PCLK are high
impedance inputs as long as PALE is
high.
PALE has an internal pull-up resistor and
should be left open (tri-stated by the
microcontroller) or set to a high level
during power down mode in order to
prevent a trickle current flowing in the pull-
up. The pin state in power down mode is
summarized
in
Table
3.
Pin
Pin state
Note
PDATA
Input
Should be driven high or low
PCLK
Input
Should be driven high or low
PALE
Input with internal pull-
up resistor
Should be driven high or high-impedance to minimize
power consumption
DIO
Input
Should be driven high or low
DCLK
High-impedance
output
Table 3. CC1000 pins in power-down mode
CC1000
PDATA
PCLK
PALE
DIO
CHP_OUT
(LOCK)
Micro-
controller
DCLK
(Optional)
RSSI/IF
(Optional)
ADC
Figure 6. Microcontroller interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com