Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 5 Page - Texas Instruments

  CC1000-RTR1 Datasheet HTML 1Page - Texas Instruments CC1000-RTR1 Datasheet HTML 2Page - Texas Instruments CC1000-RTR1 Datasheet HTML 3Page - Texas Instruments CC1000-RTR1 Datasheet HTML 4Page - Texas Instruments CC1000-RTR1 Datasheet HTML 5Page - Texas Instruments CC1000-RTR1 Datasheet HTML 6Page - Texas Instruments CC1000-RTR1 Datasheet HTML 7Page - Texas Instruments CC1000-RTR1 Datasheet HTML 8Page - Texas Instruments CC1000-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
CC1000
SWRS048A
Page 5 of 55
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Output power
433 MHz
868 MHz
-20
-20
10
5
dBm
dBm
Delivered to 50
Ω load.
The output power is
programmable.
RF output impedance
433/868 MHz
140 / 80
Ω
Transmit mode. For matching
details see “Input/ output
matching” p.31.
Harmonics
-20
dBc
An external LC or SAW filter
should be used to reduce
harmonics emission to comply
with SRD requirements. See
p.36.
Receive Section
Receiver Sensitivity, 433 MHz
Optimum sensitivity (9.3 mA)
Low current consumption (7.4 mA)
Receiver Sensitivity, 868 MHz
Optimum sensitivity (11.8 mA)
Low current consumption (9.6 mA)
-110
-109
-107
-105
dBm
dBm
dBm
dBm
2.4 kBaud, Manchester coded
data, 64 kHz frequency
separation, BER = 10
-3
See Table 6 and Table 7 page 22
for typical sensitivity figures at
other data rates.
System noise bandwidth
30
kHz
2.4 kBaud, Manchester coded
data
Cascaded noise figure
433/868 MHz
12/13
dB
Saturation
10
dBm
2.4 kBaud, Manchester coded
data, BER = 10
-3
Input IP3
-18
dBm
From LNA to IF output
Blocking
40
dBc
At +/- 1 MHz
LO leakage
-57
dBm
Input impedance
88-j26
70-j26
52-j7
52-j4
Ω
Ω
Ω
Ω
Receive mode, series equivalent
at 315 MHz
at 433 MHz
at 868 MHz.
At 915 MHz
For matching details see “Input/
output matching” p. 31.
Turn on time
11
128
Baud
The turn-on time is determined by
the demodulator settling time,
which is programmable. See p.
19
IF Section
Intermediate frequency (IF)
150
10.7
kHz
MHz
Internal IF filter
External IF filter
IF bandwidth
175
kHz
RSSI dynamic range
-105
-50
dBm
RSSI accuracy
± 6
dB
See p.33 for details
RSSI linearity
± 2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com