Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 24Page - Texas Instruments CC1000-RTR1 Datasheet HTML 25Page - Texas Instruments CC1000-RTR1 Datasheet HTML 26Page - Texas Instruments CC1000-RTR1 Datasheet HTML 27Page - Texas Instruments CC1000-RTR1 Datasheet HTML 28Page - Texas Instruments CC1000-RTR1 Datasheet HTML 29Page - Texas Instruments CC1000-RTR1 Datasheet HTML 30Page - Texas Instruments CC1000-RTR1 Datasheet HTML 31Page - Texas Instruments CC1000-RTR1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
CC1000
SWRS048A
Page 28 of 55
18. VCO and LNA current control
The VCO current is programmable and
should be set according to operating
frequency RX/TX mode and output power.
Recommended
settings
for
the
VCO_CURRENT bits in the CURRENT
register are shown in the tables on page
41.
The bias current for the LNA, and the LO
and PA buffers are also programmable.
Table 10 shows the current consumption
and
receiver
sensitivity
for
different
settings (2.4 kBaud Manchester encoded
data).
CURRENT register
FRONT_END register
RF freq-
uency
[MHz]
Current
consumption
[mA]
Sensitivity
[dBm]
VCO_
CURRENT
[3:0]
LO_DRIVE
[1:0]
PA_DRIVE
[1:0]
BUF_CUR
RENT
LNA_CUR
RENT[1:0]
433
9.3
-110
0100
01
00
0
10
433
7.4
-109
0100
00
00
0
00
868
11.8
-107
1000
11
00
1
10
868
9.6
-105
1000
10
00
0
00
Note: Current consumption and sensitivity are typical figures at 2.4 kBaud Manchester encoded data, BER 10
-3
Table 10. Receiver sensitivity as function of current consumption
19. Power management
CC1000 offers great flexibility for power
management in order to meet strict power
consumption
requirements
in
battery
operated applications. Power Down mode
is controlled through the MAIN register.
There are separate bits to control the RX
part,
the
TX
part,
the
frequency
synthesiser and the crystal oscillator (see
page 39). This individual control can be
used to optimise for lowest possible
current
consumption
in
a
certain
application.
A
typical
power-on
and
initialising
sequence
for
minimum
power
consumption is shown in Figure 18 and
Figure 19.
PALE should be tri-stated or set to a high
level during power down mode in order to
prevent a trickle current from flowing in the
internal pull-up resistor.
PA_POW should be set to 00h before
power down mode to ensure lowest
possible leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com