Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1000-RTR1 Datasheet HTML 1Page - Texas Instruments CC1000-RTR1 Datasheet HTML 2Page - Texas Instruments CC1000-RTR1 Datasheet HTML 3Page - Texas Instruments CC1000-RTR1 Datasheet HTML 4Page - Texas Instruments CC1000-RTR1 Datasheet HTML 5Page - Texas Instruments CC1000-RTR1 Datasheet HTML 6Page - Texas Instruments CC1000-RTR1 Datasheet HTML 7Page - Texas Instruments CC1000-RTR1 Datasheet HTML 8Page - Texas Instruments CC1000-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
CC1000
SWRS048A
Page 1 of 55
CC1000
Single Chip Very Low Power RF Transceiver
Applications
• Very low power UHF wireless data
transmitters and receivers
• 315 / 433 / 868 and 915 MHz ISM/SRD
band systems
• RKE – Two-way Remote Keyless Entry
• Home automation
• Wireless alarm and security systems
• AMR – Automatic Meter Reading
• Low power telemetry
• Game Controllers and advanced toys
Product Description
CC1000 is a true single-chip UHF trans-
ceiver designed for very low power and
very low voltage wireless applications. The
circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 315, 433, 868 and 915 MHz, but
can easily be programmed for operation at
other frequencies in the 300-1000 MHz
range.
The main operating parameters of
CC1000
can be programmed via a serial bus, thus
making
CC1000 a very flexible and easy to
use transceiver.
In a typical system
CC1000 will be used together with a
microcontroller and a few external passive
components.
CC1000 is based on Chipcon’s SmartRF®
technology in 0.35
µm CMOS.
Features
• True single chip UHF RF transceiver
• Very low current consumption
• Frequency range 300 – 1000 MHz
• Integrated bit synchroniser
• High sensitivity (typical -110 dBm at 2.4
kBaud)
• Programmable output power –20 to
10 dBm
• Small size (TSSOP-28 or UltraCSP™
package)
• Low supply voltage (2.1 V to 3.6 V)
• Very few external components required
• No external RF switch / IF filter
required
• RSSI output
• Single port antenna connection
• FSK data rate up to 76.8 kBaud
• Complies with EN 300 220 and FCC
CFR47 part 15
• Programmable frequency in 250 Hz
steps makes crystal temperature drift
compensation possible without TCXO
• Suitable
for
frequency
hopping
protocols
• Development kit available
• Easy-to-use software for generating the
CC1000 configuration data


Similar Part No. - CC1000-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1000-RTR1 TI2-CC1000-RTR1 Datasheet
706Kb / 59P
Single Chip Very Low Power RF Transceiver
23-May-2025
More results

Similar Description - CC1000-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
CC1010 TI-CC1010 Datasheet
1Mb / 152P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1050PWR TI-CC1050PWR Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050_15 Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com