Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 34Page - Texas Instruments CC1000-RTR1 Datasheet HTML 35Page - Texas Instruments CC1000-RTR1 Datasheet HTML 36Page - Texas Instruments CC1000-RTR1 Datasheet HTML 37Page - Texas Instruments CC1000-RTR1 Datasheet HTML 38Page - Texas Instruments CC1000-RTR1 Datasheet HTML 39Page - Texas Instruments CC1000-RTR1 Datasheet HTML 40Page - Texas Instruments CC1000-RTR1 Datasheet HTML 41Page - Texas Instruments CC1000-RTR1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
CC1000
SWRS048A
Page 38 of 55
27. PCB Layout Recommendations
Chipcon provide reference layouts that
should be followed in order to achieve the
best performance. The Chipcon reference
design
(CC1000PP
and
CC1000uCSP_EM) can be downloaded
from the Chipcon website.
A two layer PCB is highly recommended.
The bottom layer of the PCB should be the
“ground-layer”.
The top layer should be used for signal
routing, and the open areas should be
filled
with
etallization
connected
to
ground using several vias.
The ground pins should be connected to
ground as close as possible to the
package pin using individual vias. The de-
coupling capacitors should also be placed
as close as possible to the supply pins
and connected to the ground plane by
separate vias.
The external components should be as
small as possible and surface mount
devices are required. The VCO inductor
must be placed as close as possible to the
chip and symmetrical with respect to the
input pins.
Precaution should be used when placing
the
microcontroller
in
order to avoid
interference with the RF circuitry.
In certain applications where the ground
plane for the digital circuitry is expected to
be noisy, the ground plane may be split in
an analogue and a digital part. All AGND
pins and AVDD de-coupling capacitors
should be connected to the analogue
ground plane. All DGND pins and DVDD
de-coupling
capacitors
should
be
connected to the digital ground. The
connection
between
the
two
ground
planes should be implemented as a star
connection with the power supply ground.
A development kit with a fully assembled
PCB is available, and can be used as a
guideline for layout.
28. Antenna Considerations
CC1000 can be used together with various
types of antennas. The most common
antennas for short range communication
are monopole, helical and loop antennas.
Monopole
antennas
are
resonant
antennas with a length corresponding to
one quarter of the electrical wavelength
(
λ/4). They are very easy to design and
can be implemented simply as a “piece of
wire” or even integrated into the PCB.
Non-resonant monopole antennas shorter
than
λ/4 can also be used, but at the
expense of range. In size and cost critical
applications such an antenna may very
well be integrated into the PCB.
Helical antennas can be thought of as a
combination of a monopole and a loop
antenna. They are a good compromise in
size
critical
applications.
But
helical
antennas tend to be more difficult to
optimise than the simple monopole.
Loop antennas are easy to integrate into
the PCB, but are less effective due to
difficult impedance matching because of
their very low radiation resistance.
For
low
power
applications
the
λ/4-
monopole antenna is recommended giving
the
best
range
and
because
of
its
simplicity.
The length of the
λ/4-monopole antenna is
given by:
L = 7125 / f
where f is in MHz, giving the length in cm.
An antenna for 869 MHz should be 8.2
cm, and 16.4 cm for 434 MHz.
The antenna should be connected as
close as possible to the IC. If the antenna
is located away from the input pin the
antenna should be matched to the feeding
transmission line (50
Ω).
For a more thorough primer on antennas,
please refer to Application Note AN003
SRD Antennas available from Chipcon’s
web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com