Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
AC Electrical Characteristics
DSP56367 Technical Data, Rev. 2.1
3-4
Freescale Semiconductor
3.5
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum
of 0.4 V and a VIH minimum of 2.4 V for all pins except EXTAL. AC timing specifications, which are
referenced to a device input signal, are measured in production with respect to the 50% point of the
respective input signal’s transition. DSP56367 output levels are measured with the production test machine
VOL and VOH reference levels set at 0.4 V and 2.4 V, respectively.
NOTE
Although the minimum value for the frequency of EXTAL is 0 MHz, the
device AC test conditions are 15 MHz and rated speed.
3.6
Internal Clocks
3 This characteristic does not apply to PCAP.
4 The Appendix A, "Power Consumption Benchmark" section provides a formula to compute the estimated current
requirements in Normal mode. In order to obtain these results, all inputs must be terminated (i.e., not allowed to float).
Measurements are based on synthetic intensive DSP benchmarks. The power consumption numbers in this specification are
90% of the measured results of this benchmark. This reflects typical DSP applications. Typical internal supply current is
measured with VCCQL = 1.8V, VCC(other) = 3.3V at TJ = 25°C. Maximum internal supply current is measured with VCCQL = 1.89V,
VCC(other) = 3.46V at TJ = 95°C.
5 In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (i.e., not allowed to
float).
6 Periodically sampled and not 100% tested
Table 3-4 Internal Clocks
Characteristics
Symbol
Expression1, 2
Min
Typ
Max
Internal operation frequency with PLL enabled
f
—
(Ef
× MF)/(PDF × DF)
—
Internal operation frequency with PLL disabled
f
—
Ef/2
—
Internal clock high period
• With PLL disabled
• With PLL enabled and MF
≤ 4
• With PLL enabled and MF > 4
TH
—
0.49
× ETC × PDF ×
DF/MF
0.47
× ETC × PDF ×
DF/MF
ETC
—
—
—
0.51
× ETC × PDF ×
DF/MF
0.53
× ETC × PDF ×
DF/MF
Internal clock low period
• With PLL disabled
• With PLL enabled and MF
≤ 4
• With PLL enabled and MF > 4
TL
—
0.49
× ETC × PDF ×
DF/MF
0.47
× ETC × PDF ×
DF/MF
ETC
—
—
—
0.51
× ETC × PDF ×
DF/MF
0.53
× ETC × PDF ×
DF/MF
Internal clock cycle time with PLL enabled
TC
—ETC × PDF × DF/MF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com