Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Enhanced Serial Audio Interface Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-45
Figure 3-31 I2C Timing
3.14
Enhanced Serial Audio Interface Timing
Table 3-19
Enhanced Serial Audio Interface Timing1, 2
No.
Characteristics3, 4, 5
Symbol
Expression
Min
Max
Condition6
Unit
430
Clock cycle7
tSSICC
4
× TC
3
× TC
TXC:max[3*tc;
t454]
26.8
20.1
26.5
—
—
—
i ck
x ck
x ck
ns
431
Clock high period
• For internal clock
• For external clock
—
2
× TC − 10.0
1.5
× TC
3.4
10.0
—
—
ns
432
Clock low period
• For internal clock
• For external clock
—
2
× TC − 10.0
1.5
× TC
3.4
10.0
—
—
ns
433
RXC rising edge to FSR out (bl) high
—
—
—
—
37.0
22.0
x ck
i ck a
ns
434
RXC rising edge to FSR out (bl) low
—
—
—
—
37.0
22.0
x ck
i ck a
ns
435
RXC rising edge to FSR out (wr) high8
——
—
—
39.0
24.0
x ck
i ck a
ns
436
RXC rising edge to FSR out (wr) low8
——
—
—
39.0
24.0
x ck
i ck a
ns
Start
SCL
HREQ
SDA
ACK
MSB
LSB
Stop
171
Stop
173
176
175
177
178
180
179
172
186
182
183
189
174
188
184
187
AA0275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com