Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
Enhanced Serial Audio Interface
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
2-15
SDO4
SDI1
PC7
Output
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Serial Data Output 4—When programmed as a transmitter, SDO4 is used to
transmit data from the TX4 serial transmit shift register.
Serial Data Input 1—When programmed as a receiver, SDI1 is used to
receive serial data into the RX1 serial receive shift register.
Port C 7—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
SDO3/
SDO3_1
SDI2/
SDI2_1
PC8/PE8
Output
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Serial Data Output 3—When programmed as a transmitter, SDO3 is used to
transmit data from the TX3 serial transmit shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Output 3.
Serial Data Input 2—When programmed as a receiver, SDI2 is used to
receive serial data into the RX2 serial receive shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Input 2.
Port C 8—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
When enabled for ESAI_1 GPIO, this is the Port E 8 signal.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
SDO2/
SDO2_1
SDI3/
SDI3_1
PC9/PE9
Output
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Serial Data Output 2—When programmed as a transmitter, SDO2 is used to
transmit data from the TX2 serial transmit shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Output 2.
Serial Data Input 3—When programmed as a receiver, SDI3 is used to
receive serial data into the RX3 serial receive shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Input 3.
Port C 9—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
When enabled for ESAI_1 GPIO, this is the Port E 9 signal.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
SDO1/
SDO1_1
PC10/
PE10
Output
Input, Output, or
disconnected
GPIO
Disconnected
Serial Data Output 1—SDO1 is used to transmit data from the TX1 serial
transmit shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Output 1.
Port C 10—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
When enabled for ESAI_1 GPIO, this is the Port E 10 signal.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
Table 2-11 Enhanced Serial Audio Interface Signals (continued)
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com