Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
Enhanced Serial Audio Interface
DSP56367 Technical Data, Rev. 2.1
2-14
Freescale Semiconductor
FST
PC4
Input or Output
Input, Output, or
Disconnected
GPIO
Disconnected
Frame Sync for Transmitter—This is the transmitter frame sync input/output
signal. For synchronous mode, this signal is the frame sync for both
transmitters and receivers. For asynchronous mode, FST is the frame sync for
the transmitters only. The direction is determined by the transmitter frame
sync direction (TFSD) bit in the ESAI transmit clock control register (TCCR).
Port C 4—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
SCKR
PC0
Input or Output
Input, Output, or
Disconnected
GPIO
Disconnected
Receiver Serial Clock—SCKR provides the receiver serial bit clock for the
ESAI. The SCKR operates as a clock input or output used by all the enabled
receivers in the asynchronous mode (SYN=0), or as serial flag 0 pin in the
synchronous mode (SYN=1).
When this pin is configured as serial flag pin, its direction is determined by the
RCKD bit in the RCCR register. When configured as the output flag OF0, this
pin will reflect the value of the OF0 bit in the SAICR register, and the data in
the OF0 bit will show up at the pin synchronized to the frame sync in normal
mode or the slot in network mode. When configured as the input flag IF0, the
data value at the pin will be stored in the IF0 bit in the SAISR register,
synchronized by the frame sync in normal mode or the slot in network mode.
Port C 0—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
SCKT
PC3
Input or output
Input, Output, or
Disconnected
GPIO
Disconnected
Transmitter Serial Clock—This signal provides the serial bit rate clock for the
ESAI. SCKT is a clock input or output used by all enabled transmitters and
receivers in synchronous mode, or by all enabled transmitters in
asynchronous mode.
Port C 3—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
SDO5
SDI0
PC6
Output
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Serial Data Output 5—When programmed as a transmitter, SDO5 is used to
transmit data from the TX5 serial transmit shift register.
Serial Data Input 0—When programmed as a receiver, SDI0 is used to
receive serial data into the RX0 serial receive shift register.
Port C 6—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 3.3V tolerant.
Table 2-11 Enhanced Serial Audio Interface Signals (continued)
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com