Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
Enhanced Serial Audio Interface Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-47
454
TXC rising edge to data out valid
—
23 + 0.5
× TC
21.0
—
—
26.5
21.0
x ck
i ck
ns
455
TXC rising edge to data out high impedance9
——
—
—
31.0
16.0
x ck
i ck
ns
456
TXC rising edge to transmitter #0 drive enable
deassertion9
——
—
—
34.0
20.0
x ck
i ck
ns
457
FST input (bl, wr) setup time before TXC falling
edge8
——
2.0
21.0
—
—
x ck
i ck
ns
458
FST input (wl) to data out enable from high
impedance
——
—
27.0
—
ns
459
FST input (wl) to transmitter #0 drive enable
assertion
——
—
31.0
—
ns
460
FST input (wl) setup time before TXC falling edge
—
—
2.0
21.0
—
—
x ck
i ck
ns
461
FST input hold time after TXC falling edge
—
—
4.0
0.0
—
—
x ck
i ck
ns
462
Flag output valid after TXC rising edge
—
—
—
—
32.0
18.0
x ck
i ck
ns
463
HCKR/HCKT clock cycle
—
—
40.0
—
ns
464
HCKT input rising edge to TXC output
—
—
—
27.5
ns
465
HCKR input rising edge to RXC output
—
—
—
27.5
ns
1 The timing values calculated are based on simulation data at 150MHz. Tester restrictions limit ESAI testing to lower clock
frequencies.
2 ESAI_1 specs match those of ESAI_0.
3 V
CC = 1.8 V ± 5%; TJ = –40°C to +95°C, CL = 50 pF
4 i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode (asynchronous implies that TXC and RXC are two different clocks)
i ck s = internal clock, synchronous mode (synchronous implies that TXC and RXC are the same clock)
5 bl = bit length
wl = word length
wr = word length relative
6 TXC(SCKT pin) = transmit clock
RXC(SCKR pin) = receive clock
FST(FST pin) = transmit frame sync
FSR(FSR pin) = receive frame sync
HCKT(HCKT pin) = transmit high frequency clock
HCKR(HCKR pin) = receive high frequency clock
7 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register.
Table 3-19 Enhanced Serial Audio Interface Timing1, 2 (continued)
No.
Characteristics3, 4, 5
Symbol
Expression
Min
Max
Condition6
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com