Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
Power Consumption Considerations
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
5-3
•
Consider all device loads as well as parasitic capacitance due to PCB traces when calculating
capacitance. This is especially critical in systems with higher capacitive loads that could create
higher transient currents in the VCC and GND circuits.
•
All inputs must be terminated (i.e., not allowed to float) using CMOS levels, except for the three
pins with internal pull-up resistors (TMS, TDI, TCK).
•
Take special care to minimize noise levels on the VCCP and GNDP pins.
•
If multiple DSP56367 devices are on the same board, check for cross-talk or excessive spikes on
the supplies due to synchronous operation of the devices.
•
RESET must be asserted when the chip is powered up. A stable EXTAL signal must be supplied
before deassertion of RESET.
•
At power-up, ensure that the voltage difference between the 3.3 V tolerant pins and the chip VCC
never exceeds a TBD voltage.
5.3
Power Consumption Considerations
Power dissipation is a key issue in portable DSP applications. Some of the factors which affect current
consumption are described in this section. Most of the current consumed by CMOS devices is alternating
current (ac), which is charging and discharging the capacitances of the pins and internal nodes.
Current consumption is described by the following formula:
where:
C
= node/pin capacitance
V
= voltage swing
f
= frequency of node/pin toggle
The maximum internal current (ICCImax) value reflects the typical possible switching of the internal buses
on best-case operation conditions, which is not necessarily a real application case. The typical internal
current (ICCItyp) value reflects the average switching of the internal buses on typical operating conditions.
For applications that require very low current consumption, do the following:
•
Set the EBD bit when not accessing external memory.
•
Minimize external memory accesses and use internal memory accesses.
•
Minimize the number of pins that are switching.
•
Minimize the capacitive load on the pins.
•
Connect the unused inputs to pull-up or pull-down resistors.
•
Disable unused peripherals.
Example 1. Power Consumption
For a Port A address pin loaded with 50 pF capacitance, operating at 3.3 V, and with a 100 MHz clock,
toggling at its maximum possible rate (50 MHz), the current consumption is
IC
V
×
f
×
=
I50
10
12
–
×
3.3
×
50
×
10
6
8.25mA
=
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com