Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Parallel Host Interface (HDI08)
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
2-9
HA2
HA9
PB10
Input
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Host Address Input 2—When the HDI08 is programmed to interface a
non-multiplexed host bus and the HI function is selected, this signal is line 2
of the host address (HA2) input bus.
Host Address 9—When HDI08 is programmed to interface a multiplexed host
bus and the HI function is selected, this signal is line 9 of the host address
(HA9) input bus.
Port B 10—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
HRW
HRD/
HRD
PB11
Input
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Host Read/Write—When HDI08 is programmed to interface a
single-data-strobe host bus and the HI function is selected, this signal is the
Host Read/Write (HRW) input.
Host Read Data—When HDI08 is programmed to interface a
double-data-strobe host bus and the HI function is selected, this signal is the
host read data strobe (HRD) Schmitt-trigger input. The polarity of the data
strobe is programmable, but is configured as active-low (HRD) after reset.
Port B 11—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
HDS/
HDS
HWR/
HWR
PB12
Input
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Host Data Strobe—When HDI08 is programmed to interface a
single-data-strobe host bus and the HI function is selected, this signal is the
host data strobe (HDS) Schmitt-trigger input. The polarity of the data strobe
is programmable, but is configured as active-low (HDS) following reset.
Host Write Data—When HDI08 is programmed to interface a
double-data-strobe host bus and the HI function is selected, this signal is the
host write data strobe (HWR) Schmitt-trigger input. The polarity of the data
strobe is programmable, but is configured as active-low (HWR) following
reset.
Port B 12—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
Table 2-9 Host Interface (continued)
Signal Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com