Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
External Memory Expansion Port (Port A)
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-13
104
Address and AA valid to input data valid
tAA, tAC (WS + 0.75) × TC − 5.0 [WS ≥ 2]
—
13.3
ns
105
RD assertion to input data valid
tOE
(WS + 0.25)
× TC − 5.0 [WS ≥ 2]
—
10.0
ns
106
RD deassertion to data not valid (data hold time)
tOHZ
0.0
—
ns
107
Address valid to WR deassertion2
tAW
(WS + 0.75)
× TC − 4.0 [WS ≥ 2] 14.3
—
ns
108
Data valid to WR deassertion (data setup time)
tDS (tDW)(WS − 0.25) × TC − 3.0 [WS ≥ 2]
8.7
—
ns
109
Data hold time from WR deassertion
tDH
1.25
× TC − 2.0[2 ≤ WS ≤ 7]
2.25
× TC − 2.0 [WS ≥ 8]
6.3
13.0
—
—
ns
ns
110
WR assertion to data active
—
0.25
× TC − 3.7 [2 ≤ WS ≤ 3]
−0.25 × TC − 3.7 [WS ≥ 4]
-2.0
-5.4
—
—
ns
ns
111
WR deassertion to data high impedance
—
0.25
× TC + 0.2 [2 ≤ WS ≤ 3]
1.25
× TC + 0.2 [4 ≤ WS ≤ 7]
2.25
× TC + 0.2 [WS ≥ 8]
—
—
—
1.9
8.5
15.2
ns
ns
ns
112
Previous RD deassertion to data active (write)
—
1.25
× TC − 4.0 [2 ≤ WS ≤ 3]
2.25
× TC − 4.0 [4 ≤ WS ≤ 7]
3.25
× TC − 4.0 [WS ≥ 8]
4.3
11.0
17.7
—
—
—
ns
ns
ns
113
RD deassertion time
1.75
× TC − 4.0 [2 ≤ WS ≤ 7]
2.75
× TC − 4.0 [WS ≥ 8]
7.7
14.3
—
—
ns
ns
114
WR deassertion time
2.0
× TC − 4.0 [2 ≤ WS ≤ 3]
2.5
× TC − 4.0 [4 ≤ WS ≤ 7]
3.5
× TC − 4.0 [WS ≥ 8]
9.3
12.7
19.3
—
—
—
ns
ns
ns
115
Address valid to RD assertion
0.5
× TC − 2.0
1.3
—
ns
116
RD assertion pulse width
(WS + 0.25)
× TC −4.0
11.0
—
ns
117
RD deassertion to address not valid
1.25
× TC − 2.0 [2 ≤ WS ≤ 7]
2.25
× TC − 2.0 [WS ≥ 8]
6.3
13.0
—
—
ns
ns
118
TA setup before RD or WR deassertion3
0.25
× TC + 2.0
3.7
—
ns
119
TA hold after RD or WR deassertion
0.0
—
ns
1 WS is the number of wait states specified in the BCR. The value is given for the minimum for a given category. (For example,
for a category of [2
≤ WS ≤ 7] timing is specified for 2 wait states.) Two wait states is the minimum otherwise.
2 Timings 100, 107 are guaranteed by design, not tested.
3 In the case of TA negation: timing 118 is relative to the deassertion edge of RD or WR were TA to remain active.
Table 3-8 SRAM Read and Write Accesses (continued)
No.
Characteristics
Symbol
Expression1
150 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com