Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  DSP56367 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
Overview
DSP56367 Technical Data, Rev. 2.1
1-2
Freescale Semiconductor
Figure 1-1 DSP56367 Block Diagram
Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR
Used to indicate a signal that is active when pulled low (For example, the RESET pin is active
when low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low) signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage*
PIN
True
Asserted
VIL / VOL
PIN
False
Deasserted
VIH / VOH
PIN
True
Asserted
VIH / VOH
PIN
False
Deasserted
VIL / VOL
Note:*Values for V
IL, VOL, VIH, and VOH are defined by individual product specifications.
CLOCK
GENERATOR
INTERNAL
DATA
BUS
SWITCH
EXTAL
PROGRAM
RAM
/INSTR. CACHE
3K x 24
PROGRAM
ROM
40K x 24
Bootstrap ROM
192 x 24
PROGRAM
INTERRUPT
CONTROLLER
PROGRAM
DECODE
CONTROLLE
PROGRAM
ADDRESS
GENERATOR
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODA/IRQA
MODB/IRQB
DATA ALU
24X24+56->56-BIT MAC
TWO 56-BIT ACCUMULATORS
BARREL SHIFTER
MODC/IRQC
PLL
OnCE™
HOST
INTER-
FACE
DAX
(SPDIF Tx.)
INTERFACE
4
16
X
MEMORY
RAM
13K X 24
ROM
32K x 24
Y
MEMORY
RAM
7K X 24
ROM
8K x 24
DDB
DAB
SIX CHANNELS
DMA UNIT
MEMORY EXPANSION AREA
PERIPHERAL
24 BITS BUS
EXPANSION AREA
JTAG
4
5
RESET
POWER
MNGMNT
PINIT/NMI
2
TRIPLE
TIMER
1
MODD/IRQD
DRAM &
SRAM BUS
INTERFACE
&
I - CACHE
EXTERNAL
ADDRESS
BUS
SWITCH
EXTERNAL
DATA BUS
SWITCH
ADDRESS
10
DATA
CONTROL
24
18
ESAI
INTER-
FACE
8
6
ESAI_1
ADDRESS
GENERATION
UNIT
24-BIT
DSP56300
Core
SHI
INTER-
FACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com