Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
Phase Lock Loop (PLL) Characteristics
DSP56367 Technical Data, Rev. 2.1
3-6
Freescale Semiconductor
3.8
Phase Lock Loop (PLL) Characteristics
4
EXTAL cycle time2
• With PLL disabled
• With PLL enabled
ETC
6.7 ns
6.7 ns
∞
273.1
µs
7
Instruction cycle time = ICYC = TC
4
• With PLL disabled
• With PLL enabled
ICYC
13.33 ns
6.67 ns
∞
8.53
µs
1 Measured at 50% of the input transition.
2 The maximum value for PLL enabled is given for minimum V
CO and maximum MF.
3 The indicated duty cycle is for the specified maximum frequency for which a part is rated. The minimum clock high or low time
required for correct operation, however, remains the same at lower operating frequencies; therefore, when a lower clock
frequency is used, the signal symmetry may vary from the specified duty cycle as long as the minimum high time and low time
requirements are met.
4 The maximum value for PLL enabled is given for minimum V
CO and maximum DF.
Table 3-6 PLL Characteristics
Characteristics
Min
Max
Unit
VCO frequency when PLL enabled (MF × Ef × 2/PDF)
30
300
MHz
PLL external capacitor (PCAP pin to VCCP) (CPCAP
1)
•@ MF
≤ 4
• @ MF > 4
1 C
PCAP is the value of the PLL capacitor (connected between the PCAP pin and VCCP). The recommended value in pF for
CPCAP can be computed from one of the following equations:
(MF x 680)-120, for MF
≤ 4, or
MF x 1100, for MF > 4.
(MF
× 580) − 100
MF
× 830
(MF
× 780) − 140
MF
× 1470
pF
Table 3-5 Clock Operation (continued)
No.
Characteristics
Symbol
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com