Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
DSP56367 Technical Data, Rev. 2.1
Index-2
Freescale Semiconductor
F
functional signal groups 1
G
GPIO 18
GPIO timing 51
Ground 3
H
HDI08 8, 10
HDI08 timing 31
Host Interface 8, 10
Host Interface timing 31
I
internal clocks 4
interrupt and mode control 6, 7
interrupt control 6, 7
interrupt timing 7
external level-sensitive fast 10
external negative edge-triggered 11
J
Jitter 4
JTAG 19
JTAG Port
timing 52, 53
M
maximum ratings 1, 2
mode control 6, 7
Mode select timing 7
multiplexed bus timings
read 35
write 36
N
non-multiplexed bus timings
read 33
write 34
O
OnCE module 19
operating mode select timing 11
P
package
TQFP description 1, 4
Phase Lock Loop 6
PLL 4, 6
Characteristics 6
performance issues 4
PLL design considerations 4
PLL performance issues 4
Port A 4
Port B 9, 10
Port C 13, 16
Port D 18
Power 2
power consumption design considerations 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com